Part Number Hot Search : 
2SD1227M MBI10 2SC2932 4665000 TA0449A IRG7PH 1N2432 D1246
Product Description
Full Text Search
 

To Download TG-5010LH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal oscillator
TCXO MINIATURE SIZE LOW PROFILE
TG - 5010LH
*Frequency range *Supply voltage *Applications : 10 MHz to 40 MHz : 2.8 V Typ. : Cellular phone(GSM,CDMA,WCDMA) Actual size
Specifications (characteristics)
Item Output frequency Supply voltage Temperature Storage temperature range Operating temperature Frequency tolerance Frequency / temperature coefficient Frequency / load coefficient Frequency / voltage coefficient Frequency aging Current consumption Input resistance Frequency control range Frequency change polarity Symmetry Output level Load resistance Load capacitance Symbol Specifications VC-TCXO TCXO 10 MHz to 40 MHz 13 MHz, 19.2 MHz, 26 MHz 2.8 V0.14 V -40 C to +85 C -30 C to +85 C 2.0 x10-6 Max. 2.0 x 10-6 Max. 0.2 x 10-6 Max. 0.2 x10-6 Max. 1.0 x10-6 Max. 2.0 mA Max. 500 k Min. -6 5.0 x 10 to 12.0 x10-6 Positive polarity 40 % to 60 % 0.8 V Min. 10 k 10 pF Remarks Standard frequency Store as bare product after unpacking After reflow, VC=1.4 V, +25 C -30 C to +85 C 10 k // 10 pF 10 % 2.8 V 0.14 V +25 C, First year 19.2 MHz,VCC=2.8 V, 10 k// 10 pF VC- GND (DC), VC=1.4 V VC=1.4 V 1.0 V GND level (DC cut) Peak to peak DC cut capacitor = 0.01 F
f0
VCC T_stg T_use F_tol(osc) Fo-TC Fo-Load Fo-VCC F_aging ICC Rin Fcont SYM VPP Load_R Load_C
-
Note:Please contact us for inquiries about specifications other than the above.
.
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
#4
#3
2.50.15
19E77
E
#1 3.3
Pin map Pin 1 2 3 4
ABA
+0.2 -0.1
#2
Connection VC-TCXO TCXO VC N.C. GND OUT VCC
C (ex. 0.01 F)
Resist
0.67
#4 #3
0.960.04
(0.27)
Metal may be exposed on bottom of this product. This will not affect any quality, reliability or electrical spec.
1.35
0.750.1
1.35
#1
#2
3.17
http://www.epsontoyocom.co.jp
0.95
69
"3D STRATEGY" EPSON TOYOCOM
In order to meet customer needs in a rapidly advancing digital, broadband and ubiquitous society, we are committed to offering products that are one step ahead of the market and a rank above the rest in quality. To achieve our goals, we follow a "3D (three device) strategy" designed to drive both horizontal and vertical growth. We will to grow our three device categories of "Timing Devices", "Sensing Devices" and "Optical Devices", and expand vertical growth through a combination of products from these categories. Quartz devices have become crucial in the network environment where products are increasingly intended for broadband, ubiquitous applications and where various types of terminals can transfer information almost immediately via LAN and WAN on a global scale. Epson Toyocom Corporation addresses every single aspect within a network environment. The new corporation offers "Digital Convergence" solutions to problems arising with products for consumer use, such as, core network systems and automotive systems.
PROMOTION OF ENVIRONMENTAL MANAGEMENT SYSTEM CONFORMING TO INTERNATIONAL STANDARDS
At Epson Toyocom, all environmental initiatives operate under the Plan-Do-Check-Action(PDCA) cycle designed to achieve continuous improvements. The environmental management system (EMS) operates under the ISO 14001 environmental management standard. All of our major manufacturing and non-manufacturing sites, in Japan and overseas, completed the acquisition of ISO 14001 certification. In the future, new group companies will be expected to acquire the certification around the third year of operations. ISO 14000 is an international standard for environmental management that was established by the International Standards Organization in 1996 against the background of growing concern regarding global warming, destruction of the ozone layer, and global deforestation.
WORKING FOR HIGH QUALITY
Epson Toyocom quickly began working to acquire company-wide ISO 9000 series certification, and has acquired ISO 9001 or ISO 9002 certification for all targeted products manufactured in Japanese and overseas plants. Epson Toyocom has acquired QS-9000 certification, which is of a higher level. Also, TS 16949 certification, which is also of a higher level, has been acquired.
QS-9000 is an enhanced standard for quality assurance systems formulated by leading U.S.automobile manufacturers based on the international ISO 9000 series.
ISO/TS 16949 is a global standard based on QS-9000, a severe standard corresponding to the requirements from the automobile industry.
Notice
This material is subject to change without notice. Any part of this material may not be reproduced or duplicated in any form or any means without the written permission of Epson Toyocom. The information, applied circuitry, programming, usage, etc., written in this material is intended for reference only. Epson Toyocom does not assume any liability for the occurrence of infringing on any patent or copyright of a third party. This material does not authorize the licensing on for any patent or intellectual copyrights. Any product described in this material may contain technology or the subject relating to strategic products under the control of the Foreign Exchange and Foreign Trade Law of Japan and may require an export license from the Ministry of International Trade and Industry or other approval from another government agency. You are requested not to use the products (and any technical information furnished, if any) for the development and/or manufacture of weapon of mass destruction or for other military purposes. You are also requested that you would not make the products available to any third party who may use the products for such prohibited purposes. These products are intended for general use in electronic equipment. When using them in specific applications that require extremely high reliability, such as the applications stated below, you must obtain permission from Epson Toyocom in advance. / Space equipment (artificial satellites, rockets, etc.) / Transportation vehicles and related (automobiles, aircraft, trains, vessels, etc.) / Medical instruments to sustain life / Submarine transmitters / Power stations and related / Fire work equipment and security equipment / traffic control equipment / and others requiring equivalent reliability. In this new crystal master for Epson Toyocom, product codes and markings will remain as previously identified prior to the merger. Due to the on-going strategy of gradual unification of part numbers, please review product codes and markings, as they will change during the course of the coming months. We apologize for the inconvenience, but we will eventually have a unified part numbering system for Epson Toyocom that will be user friendly.


▲Up To Search▲   

 
Price & Availability of TG-5010LH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X